Part Number Hot Search : 
1N540007 331M1 00BZI 4060BD T71C15DC EL4093C FPT100B GL128P11
Product Description
Full Text Search
 

To Download TK11034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK11034
TEMPERATURE SENSOR IC FEATURES
s s s s s s Linear Output Voltage 10 mV/C Output Active High On/Off Control 2.4 to 8.0 V Supply Range Miniature Package (SOT-23L) Minimum External Parts Count Low Power Consumption
APPLICATIONS
s s s s s s s s Home and Industrial Thermostats Automotive Climate Control Battery Charger Temperature Monitor Notebook Computer Temperature Monitor Electronic Thermometers Fish Finder Water Temperature Industrial Process Controllers Home Appliance Temperature Control
DESCRIPTION
The TK11034 is a temperature sensor IC with a linear output of 10 mV/C over the range of -30 to + 105 C. Its wide operating voltage range of 2.4 to 8.0 V makes it suitable for a number of applications requiring accurate temperature control, such as electronic thermostats for climate control, refrigerators, and industrial process controls. The device is in the "on" state when the control pin is pulled to a logic high level. A typical application is to make a digital representation of temperature with an A/D converter, or to make a thermal detector with a comparator.
Note: Both GND pins must connect to GND
TK11034
VCC
01 S
VOUT GND NC
GND VCONT
The TK11034 has a compensation pin for a 0.1 F capacitor that ensures stability over the IC's operating temperature range. The TK11034 is available in a miniature SOT-23L surface mount package.
BLOCK DIAGRAM
VCC
ORDERING INFORMATION
VCC VCONT
TK11034M
Tape/Reel Code
ON/OFF CIRCUIT
TEMPERATURE DETECTION CIRCUIT
+ VOUT -
TAPE/REEL CODE
TL: Tape Left
GND
GND
January 1999 TOKO, Inc.
Page 1
TK11034
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 12 V Operating Voltage ............................................ 2.4 to 8 V Power Dissipation (Note 1) ................................ 200 mW Junction Temperature ........................................... 150 C Storage Temperature Range ................... -55 to +150 C Operating Temperature Range .................-30 to +105 C Lead Soldering Temperature (10 s) ...................... 235 C
TK11034 ELECTRICAL CHARACTERISTICS
Test Conditions: VCC = 3.0 V, VCONT = 2.4 V, IOUT = 0 A, TA = 25 C, unless otherwise specified. SYMBOL PARAMETER TEST CONDITIONS TA = 25 C VOUT Output Voltage TA = 85 C TA = -30 C TC Line Reg Load R eg ICC IOUT ICC(STBY) Temperature Coefficient Line Regulation Load Regulation Supply Current Output Current Standby Supply Current TA = 25 C to 85 C VCC = 3 to 8 V IOUT = 0 to 400 A VCONT = 2.4 V VOUT 20 mV VCONT 0.6 V 9.5 -20 MIN 965 1573 TYP 995 1613 428.5 10.3 5 3 160 11.1 20 20 220 400 1 MAX 1025 1653 UNITS mV mV mV mV/ C mV mV A A A
CONTROL TERMINAL SPECIFICATIONS VCONT(ON) VCONT(OFF) ICONT Control Voltage (ON) Control Voltage (OFF) Control Current VOUT = 965 to 1025 mV, Output ON VOUT 0.1 V, Output OFF 1.8 GND 4.5 2.4 VCC 0.6 7.5 V V A
Note 1: Power dissipation is 200 mW when mounted as recommended. Derate at 1.6 mW/C for operation above 25 C.
Page 2
January 1999 TOKO, Inc.
TK11034
TEST CIRCUIT
VCONT VCC ICONT
ICC
VCONT
VOUT
VCC COUT + 10 F GND GND 0.1 F IOUT VOUT
VCC = 3 V, VCONT = 2.4 V, IOUT = 0 A, TA = 25 C, unless otherwise specified.
OUTPUT VOLTAGE vs. TEMPERATURE 2.0 1.5 VERR (mV)
VOUT (V)
TYPICAL PERFORMANCE CHARACTERISTICS
LINEARITY ERROR vs. TEMPERATURE 16 8 0 -8 -16
ICC (A)
INPUT CURRENT vs. TEMPERATURE 200 180 160 140 120
1.0 0.5 0.0 -40 0 40 TA (C) 80 120
-40
0
40 TA (C)
80
120
-40
0
40 TA (C)
80
120
INPUT CURRENT vs. INPUT VOLTAGE 200 180
LINE REGULATION 20 10 0 -10 -20 20 10 0 -10 -20 2 4 6 VCC (V) 8 10 0
LOAD REGULATION
VERR (mV)
160 140 120 2 4 6 VCC (V) 8 10
VERR (mV)
ICC (A)
100
200 IOUT (A)
300
400
January 1999 TOKO, Inc.
Page 3
TK11034
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
VCC = 3 V, VCONT = 2.4 V, IOUT = 0 A, TA = 25 C, unless otherwise specified.
INPUT CURRENT vs. CONTROL VOLTAGE 200 150
ICONT (A)
ICC (A)
OUTPUT VOLTAGE vs. CONTROL VOLTAGE 1.6 1.2 VOUT (V) 0.8 0.4 0 0 0.6 1.2 VCONT (V)
CONTROL CURRENT vs. CONTROL VOLTAGE 8 6
CONTROL CURRENT vs. TEMPERATURE 6 5 4 3 2
100 50 0
1.8
2.4
0
0.6
1.2 VCONT (V)
1.8
2.4
-40
0
40 TA (C)
80
120
CONTROL VOLTAGE RESPONSE A 1.6 COUT = 0.1 F 1.2 VOUT (V) VOUT (V) 0.8 0.4 1.6
CONTROL VOLTAGE RESPONSE B
COUT = 0 F 1.2 0.8 0.4
ICONT (A)
4 2 0 0 0.6 1.2 VCONT (V) 1.8 2.4
0 0 1 2 TIME (ms) 3 4
0 0 1 2 TIME (ms) 3 4
RIPPLE REJECTION RATIO A 80 COUT = 0.1 F 60
60 80
RIPPLE REJECTION RATIO B
TEMPERATURE RESPONSE A 1.8
COUT = 0 F
1.6
VOUT (V)
RR (dB)
RR (dB)
40 20 Vrr = 100 mVrms 0 10 100 1k f (Hz) 10 k 100 k
40 20 0 10 100 1k f (Hz) 10 k 100 k
1.4 1.2 1.0 0 20
25 TO 85 C
Vrr = 100 mVrms
40 TIME (s)
60
80
Page 4
January 1999 TOKO, Inc.
TK11034
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
VCC = 3 V, VCONT = 2.4 V, IOUT = 0 A, TA = 25 C, unless otherwise specified.
TEMPERATURE RESPONSE B 1.2 1.0
VOUT (V)
0.8 0.6 0.4 0 20
25 TO 85 C
40 TIME (s)
60
80
January 1999 TOKO, Inc.
Page 5
TK11034
PACKAGE OUTLINE
Marking Information
Marking 34C
SOT-23L (SOT-23L-6)
TK11034
0.4 6 5 4 Marking
+0.15 - 0.05
0.1
M
0.6
1.0
Product Code
Voltage Code
1 e
2 e 0.95
3 0.32 5 PL 0.95
+0.15 - 0.05
0.1
M
e 0.95
e 0.95
Recommended Mount Pad
3.5
+0.3 - 0.1
(3.4)
2.2 0.3
1.4 max
e1 3.0 0 - 0.1
+0.15 - 0.05
15 max 0.4
+ 0.3
1.2
0.15
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
3.3
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 6
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-TK11034 0798O0.0K
January 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK11034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X